Part Number Hot Search : 
C221A RB731U 2SA1469 114TU 1990823 CA3169M IRLZ44N D85C220
Product Description
Full Text Search
 

To Download APT100GN60B2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TYPICAL PERFORMANCE CURVES (R)
APT100GN60B2 APT100GN60B2G*
APT100GN60B2(G) 600V
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
Utilizing the latest Field Stop and Trench Gate technologies, these IGBT's have ultra low VCE(ON) and are ideal for low frequency applications that require absolute minimum conduction loss. Easy paralleling is a result of very tight parameter distribution and a slightly positive VCE(ON) temperature coefficient. A built-in gate resistor ensures extremely reliable operation, even in the event of a short circuit fault. Low gate charge simplifies gate drive design and minimizes losses.
T-Max
(R)
(R)
G
C
E
* * * *
* 600V Field Stop
Trench Gate: Low VCE(on) Easy Paralleling 6s Short Circuit Capability Intergrated Gate Resistor: Low EMI, High Reliability
C G E
Applications: Welding, Inductive Heating, Solar Inverters, SMPS, Motor drives, UPS
MAXIMUM RATINGS
Symbol VCES VGE I C1 I C2 I CM SSOA PD TJ,TSTG TL Parameter Collector-Emitter Voltage Gate-Emitter Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current
1 8 8
All Ratings: TC = 25C unless otherwise specified.
APT100GN60B2(G) UNIT Volts
600 30
@ TC = 25C @ TC = 110C
229 135 300 300A @ 600V 625 -55 to 175 300
Watts C Amps
Switching Safe Operating Area @ TJ = 175C Total Power Dissipation Operating and Storage Junction Temperature Range Max. Lead Temp. for Soldering: 0.063" from Case for 10 Sec.
STATIC ELECTRICAL CHARACTERISTICS
Symbol V(BR)CES VGE(TH) VCE(ON) Characteristic / Test Conditions Collector-Emitter Breakdown Voltage (VGE = 0V, I C = 4mA) Gate Threshold Voltage (VCE = VGE, I C = 1mA, Tj = 25C) MIN TYP MAX Units
600 5.0 1.05 5.8 1.45 1.87 25
2
6.5 1.85
Collector-Emitter On Voltage (VGE = 15V, I C = 100A, Tj = 25C) Collector-Emitter On Voltage (VGE = 15V, I C = 100A, Tj = 125C) Collector Cut-off Current (VCE = 600V, VGE = 0V, Tj = 25C)
2
Volts
I CES I GES RG(int)
Gate-Emitter Leakage Current (VGE = 20V) Intergrated Gate Resistor
600 2
nA
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
050-7621
Rev A
10-2005
Collector Cut-off Current (VCE = 600V, VGE = 0V, Tj = 125C)
A
TBD
DYNAMIC CHARACTERISTICS
Symbol Cies Coes Cres VGEP Qg Qge Qgc SSOA SCSOA td(on) td(off) tf Eon1 Eon2 td(on) tr td(off) tf Eon1 Eon2 Eoff Eoff tr Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate-to-Emitter Plateau Voltage Total Gate Charge
3
APT100GN60B2(G)
Test Conditions Capacitance VGE = 0V, VCE = 25V f = 1 MHz Gate Charge VCE = 300V I C = 100A TJ = 175C, R G = 4.3
7,
MIN
TYP
MAX
UNIT pF V nC
6000 560 200 9.5 600 45 340
VGE =
VGE = 15V
Gate-Emitter Charge Gate-Collector ("Miller ") Charge Switching Safe Operating Area Short Circuit Safe Operating Area Turn-on Delay Time Current Rise Time Turn-off Delay Time Current Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Delay Time Current Rise Time Turn-off Delay Time Current Fall Time Turn-on Switching Energy Turn-off Switching Energy
44 55 4 5
15V, L = 100H,VCE = 600V VCC = 600V, VGE = 15V, TJ = 125C, R G = 4.3 7 Inductive Switching (25C) VCC = 400V VGE = 15V I C = 100A
300 6 31 65 310 55 4750 5095 2675 31 65 350 85 5000 6255 3300
A
s
ns
RG = 1.0 7 TJ = +25C
Turn-on Switching Energy (Diode)
6
J
Inductive Switching (125C) VCC = 400V VGE = 15V I C = 100A
ns
Turn-on Switching Energy (Diode)
66
TJ = +125C
RG = 1.0 7
J
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJC WT Characteristic Junction to Case (IGBT) Junction to Case (DIODE) Package Weight MIN TYP MAX UNIT C/W gm
.21 N/A 5.9
1 Repetitive Rating: Pulse width limited by maximum junction temperature. 2 For Combi devices, Ices includes both IGBT and FRED leakages 3 See MIL-STD-750 Method 3471. 4 Eon1 is the clamped inductive turn-on energy of the IGBT only, without the effect of a commutating diode reverse recovery current adding to the IGBT turn-on loss. Tested in inductive switching test circuit shown in figure 21, but with a Silicon Carbide diode.
10-2005 Rev A 050-7621
5 Eon2 is the clamped inductive turn-on energy that includes a commutating diode reverse recovery current in the IGBT turn-on switching loss. (See Figures 21, 22.) 6 Eoff is the clamped inductive turn-off energy measured in accordance with JEDEC standard JESD24-1. (See Figures 21, 23.) 7 RG is external gate resistance, not including RG(int) nor gate driver impedance. (MIC4452) 8 Continuous current limited by package pin temperature to 100A.
APT Reserves the right to change, without notice, the specifications and information contained herein.
TYPICAL PERFORMANCE CURVES
300 250
V
GE
= 15V
350 300 250 200 150 100 50 0
APT100GN60B2(G)
15V
13V
12V 11V
10V 9V 8V 7V
IC, COLLECTOR CURRENT (A)
TJ = 175C
200 TJ = 125C 150 TJ = 25C 100 TJ = -55C 50 0
300 250 200 150 100
FIGURE 1, Output Characteristics(TJ = 25C)
250s PULSE TEST<0.5 % DUTY CYCLE
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 VCE, COLLECTER-TO-EMITTER VOLTAGE (V)
IC, COLLECTOR CURRENT (A)
16 VGE, GATE-TO-EMITTER VOLTAGE (V) 14 12 10
FIGURE 2, Output Characteristics (TJ = 125C)
I = 100A C T = 25C
J
0 5 10 15 20 25 30 VCE, COLLECTER-TO-EMITTER VOLTAGE (V)
TJ = -55C TJ = 25C TJ = 125C
IC, COLLECTOR CURRENT (A)
VCE = 120V VCE = 300V VCE = 480V
8 6 4 2 0 0 100
50
TJ = 175C
0 0 2 4 6 8 10 12 14 VGE, GATE-TO-EMITTER VOLTAGE (V) FIGURE 3, Transfer Characteristics
200 300 400 500 GATE CHARGE (nC) FIGURE 4, Gate Charge
600
700
VCE, COLLECTOR-TO-EMITTER VOLTAGE (V)
2.5 2.0 1.5 1.0 0.5 0
TJ = 25C. 250s PULSE TEST <0.5 % DUTY CYCLE
VCE, COLLECTOR-TO-EMITTER VOLTAGE (V)
3.0
3.0 2.5 2.0 IC = 100A 1.5 1.0 0.5 0 IC = 50A IC = 200A
IC = 200A IC = 100A
IC = 50A
VGE = 15V. 250s PULSE TEST <0.5 % DUTY CYCLE
10 12 14 16 VGE, GATE-TO-EMITTER VOLTAGE (V) FIGURE 5, On State Voltage vs Gate-to- Emitter Voltage 1.15
8
25 50 75 100 125 150 175 TJ, Junction Temperature (C) FIGURE 6, On State Voltage vs Junction Temperature 300
0
IC, DC COLLECTOR CURRENT(A)
VGS(TH), THRESHOLD VOLTAGE
1.10 1.05 1.00 0.95 0.90 0.85 0.80 0.75 0.70 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, Threshold Voltage vs. Junction Temperature
250 200 150 100 50 0 -50 -25
Lead Temperature Limited
(NORMALIZED)
050-7621
0 25 50 75 100 125 150 175 TC, CASE TEMPERATURE (C) FIGURE 8, DC Collector Current vs Case Temperature
Rev A
10-2005
40 td(ON), TURN-ON DELAY TIME (ns) 35 30 25 20 15 10
VCE = 400V T = 25C, or 125C L = 100H
500 td (OFF), TURN-OFF DELAY TIME (ns) VGE = 15V
APT100GN60B2(G)
400
300
VGE =15V,TJ=125C
200
VGE =15V,TJ=25C
100
5 RJ = 1.0 G 0
0
25 50 75 100 125 150 175 200 225 ICE, COLLECTOR TO EMITTER CURRENT (A) FIGURE 9, Turn-On Delay Time vs Collector Current
0 25 50 75 100 125 150 175 200 225 ICE, COLLECTOR TO EMITTER CURRENT (A) FIGURE 10, Turn-Off Delay Time vs Collector Current
0
VCE = 400V RG = 1.0 L = 100H
250
RG = 1.0, L = 100H, VCE = 400V
140 120 100 80 60 40 20
RG = 1.0, L = 100H, VCE = 400V
200 tf, FALL TIME (ns) tr, RISE TIME (ns)
TJ = 125C, VGE = 15V
150
100
50
TJ = 25 or 125C,VGE = 15V
TJ = 25C, VGE = 15V
0 25 50 75 100 125 150 175 200 225 ICE, COLLECTOR TO EMITTER CURRENT (A) FIGURE 11, Current Rise Time vs Collector Current
0
0 25 50 75 100 125 150 175 200 225 ICE, COLLECTOR TO EMITTER CURRENT (A) FIGURE 12, Current Fall Time vs Collector Current
0
25 EON2, TURN ON ENERGY LOSS (mJ)
EOFF, TURN OFF ENERGY LOSS (mJ)
V = 400V CE V = +15V GE R = 1.0
G
8 7 6 5 4 3 2 1 0
= 400V V CE = +15V V GE R = 1.0
G
20
TJ = 125C
TJ = 125C
15
10
5
TJ = 25C
TJ = 25C
0 25 50 75 100 125 150 175 200 225 ICE, COLLECTOR TO EMITTER CURRENT (A) FIGURE 13, Turn-On Energy Loss vs Collector Current
0
0 25 50 75 100 125 150 175 200 225 ICE, COLLECTOR TO EMITTER CURRENT (A) FIGURE 14, Turn Off Energy Loss vs Collector Current
SWITCHING ENERGY LOSSES (mJ)
45 40 35 30 25 20 15 10 5 0
0
J
SWITCHING ENERGY LOSSES (mJ)
= 400V V CE = +15V V GE T = 125C
25
Eon2,200A
= 400V V CE = +15V V GE R = 1.0
G
Eon2,200A
20
15
10
Eoff,200A Eon2,100A Eoff,100A Eon2,50A Eoff,50A
10-2005
Eoff,200A Eoff,100A
Eon2,100A
5
Rev A
Eon2,50A Eoff,50A
050-7621
20 15 10 5 RG, GATE RESISTANCE (OHMS) FIGURE 15, Switching Energy Losses vs. Gate Resistance
125 100 75 50 25 TJ, JUNCTION TEMPERATURE (C) FIGURE 16, Switching Energy Losses vs Junction Temperature 0
0
TYPICAL PERFORMANCE CURVES
10,000 IC, COLLECTOR CURRENT (A) Cies 5,000 C, CAPACITANCE ( F)
350 300 250 200 150 100 50
APT100GN60B2(G)
P
1,000 500 Coes
Cres 0 10 20 30 40 50 VCE, COLLECTOR-TO-EMITTER VOLTAGE (VOLTS) Figure 17, Capacitance vs Collector-To-Emitter Voltage 100
0 100 200 300 400 500 600 700 VCE, COLLECTOR TO EMITTER VOLTAGE Figure 18,Minimim Switching Safe Operating Area
0
0.25
ZJC, THERMAL IMPEDANCE (C/W)
0.20
D = 0.9 0.7
0.15
0.5 0.10 0.3 0.05 0.1 0.05 10-5 10-4 SINGLE PULSE
Note:
PDM
t1 t2
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
t
0
10-3 10-2 10-1 RECTANGULAR PULSE DURATION (SECONDS) Figure 19a, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
1.0
100 FMAX, OPERATING FREQUENCY (kHz)
50
RC MODEL Junction temp. (C) 0.949 Power (watts) 0.116 Case temperature. (C) 0.244 0.00708
= min (fmax, fmax2) 0.05 fmax1 = td(on) + tr + td(off) + tf
max
F
10
FIGURE 19b, TRANSIENT THERMAL IMPEDANCE MODEL
30 50 70 90 110 130 150 IC, COLLECTOR CURRENT (A) Figure 20, Operating Frequency vs Collector Current
4 10
T = 125C J T = 75C C D = 50 % V = 400V CE R = 1.0
G
fmax2 = Pdiss =
Pdiss - Pcond Eon2 + Eoff TJ - TC RJC
050-7621
Rev A
10-2005
APT100GN60B2(G)
APT100DQ60
10% td(on)
Gate Voltage TJ = 125C
V CC
IC
V CE
tr Collector Current 90% 5% 10% 5% Collector Voltage
A D.U.T.
Switching Energy
Figure 21, Inductive Switching Test Circuit
Figure 22, Turn-on Switching Waveforms and Definitions
90%
td(off) tf 90%
Gate Voltage
TJ = 125C
Collector Voltage 10%
0
Collector Current
Switching Energy
Figure 23, Turn-off Switching Waveforms and Definitions
T-MAX(R) (B2) Package Outline
e1 SAC: Tin, Silver, Copper
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
Collector (Cathode)
20.80 (.819) 21.46 (.845)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031)
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084)
19.81 (.780) 20.32 (.800)
10-2005
1.01 (.040) 1.40 (.055)
Gate Collector Emitter
Rev A
2.21 (.087) 2.59 (.102)
5.45 (.215) BSC 2-Plcs.
050-7621
Dimensions in Millimeters and (Inches)
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT100GN60B2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X